PART |
Description |
Maker |
MC74HC374A-D MC74HC374ADW MC74HC374ADWR2 MC74HC374 |
Octal 3-State Non-Inverting D Flip-Flop High-Performance Silicon-Gate CMOS Octal 3-State Noninverting D Flip-Flop Octal D-Type Flip-Flop
|
ON Semiconductor Motorola
|
DM74ALS273 DM74ALS273MSA DM74ALS273N DM74ALS273SJ |
Octal D-Type Edge-Triggered Flip-Flops with Clear Inputs Octal D-Type Edge-Triggered Flip-Flop with Clear Octal D-Type Flip-Flop FRICTION LOCK HEADER, 6 CIR, STRGHT SQR
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
DM74ALS374 DM74ALS374N DM74ALS374SJ DM74ALS374WM D |
Octal 3-STATE D-Type-Edge-Triggered Flip-Flops From old datasheet system 9-Bit Bus-Interface Flip-Flop With 3-State Outputs 24-SOIC -40 to 85 Octal 3-STATE D-Type Edge-Triggered Flip-Flop ALS SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74ACT374TTR 74ACT374M 74ACT374MTR 74ACT37401 74ACT |
OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT NON INVERTING OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74VHC273MTC 74VHC273N 74VHC273SJ 74VHC273 74VHC273 |
Octal D-Type Flip-Flop AHC/VHC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ABT273A 74ABT273AD 74ABT273ADB 74ABT273AN 74ABT2 |
Octal D-type flip-flop D FLIP-FLOP, PDSO20 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HD74BC374A HD74BC374AP HD74BC374AFP |
FLIP-FLOP|OCTAL|D TYPE|BICMOS-TTL|SOP|20PIN|PLASTIC 触发器|八路| D型|的BiCMOS - TTL电|专科| 20针|塑料 WA Series Standard Basic Switch, Single Pole Normally Closed Circuitry, 20 A at 250 Vac, Special Lever Actuator, 0,7 N [2.5 oz] Operating Force, Silver Contacts, Screw Termination Octal D Type Flip Flops With 3 State Outputs
|
Renesas Electronics, Corp. HITACHI[Hitachi Semiconductor]
|
CD4013BMS CD4013BE CD4013 FN3080 |
D-Type Flip Flop, Dual, Rad-Hard, CMOS, Logic From old datasheet system CMOS Dual ‘D’-Type Flip-Flop CMOS Dual ??Type Flip-Flop IC-4000CMOS
CMOS Dual D-Type Flip-Flop CMOS Dual ‘D?Type Flip-Flop
|
INTERSIL[Intersil Corporation]
|
74VHCT74A 74VHCT74AM 74VHCT74ASJ 74VHCT74 74VHCT74 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 AHCT/VHCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP14 Dual D-Type Flip-Flop with Preset and Clear AHCT/VHCT/VT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CD40174BMS FN3359 |
CMOS Hex ‘D?Type Flip-Flop CMOS Hex ‘D’-Type Flip-Flop From old datasheet system CMOS Hex ??Type Flip-Flop CMOS Hex D-Type Flip-Flop D-Type Flip Flop, Hex, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|